Part Number Hot Search : 
PEMH1 1221C AD233AN BZX84C20 BU4229G 1SM5936B 1221C M54HC221
Product Description
Full Text Search
 

To Download REC-10LA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 10 LA
Vishay Sfernice
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
FEATURES
* Large Range of Strokes from 25 to 500 mm * High Accuracy * Very Good Repeatability * Continuous Resolution * Easy Mounting This sensor is to be installed in the high pressure chamber of small cylinders and is equipped with glass-sealed electrical outputs.
ELECTRICAL SPECIFICATIONS
Theoretical electrical travel (TET = E) Independent linearity over TET on request Actual electrical travel (AET) Total resistance RT Resistance tolerance at 20C Repeatability Maximum power rating Wiper current Load impedance Insulation resistance Dielectric strength from 25mm to 500mm in increments of 25mm 1%; 0.1% 0.05% if E 100mm 0.025% if E 200mm TET + 6mm 0.5 150/cm 20 % 0.01% 0.05W/cm at 70C, 0W at 125C 1mA max. continuous, recommended: a few A 1000 times RT minimum > 1000M 500VDC > 300VRMS at 50Hz
MECHANICAL SPECIFICATIONS
Mechanical travel MT Body Rod internal diameter Support Operating force Sealing Electrical outputs Oil Pressure Wiper MT = TET anodized aluminum o 12mm stainless steel 1N typical glass-sealing on electrical outputs wires AWG 26 L = 300mm insulating mineral hydraulic 300 bars continuous, 1000 bars accidentally precious metal multifinger
PERFORMANCE
Life Temperature limits Speed at 20C 40 million of cycles - 20C to + 80C 1.5m/s max.
Document Number: 54017 Revision 20-Dec-01
For technical questions, contact sfer@vishay.com
www.vishay.com 41
10 LA
Vishay Sfernice
Precision Linear Transducers, Designed for Mounting in Hydraulic or Pneumatic Cylinder, Conductive Plastic Element (REC)
L = TET + 53.9 O. Ring
DIMENSIONS in millimeters, general tolerance 1mm
G View o 12
-0.1 -0.2
AET = TET + 6
V + : Green Wire Wiper: Red Wire V - : Yellow Wire
G
40.55
3
MT = TET
3
7.3 15.3 - 0.1
+ 0.1
13.8
+ 0.1 - 0.1
20 3.5
O 19
+ 0.2 -0
O 18
+ 0.2 -0
+ 0.3
O 12 + 0.1
o 18.38 o 15 o 15.6 o 18.38
- 0.025 - 0.002
+ 0.1
1.1 - 0 8 O. Ring + back up ring
General Tolerance: 1mm
MOUNTING IN ACTUATOR
ELECTRICAL CONNECTIONS
Green wire : + Red wire: Wiper Yellow wire: TET AET TET = Theoretical electrical travel AET = Actual electrical travel
ORDERING INFORMATION
REC SERIES 10 MODEL LA TYPE Sealed 4 THEORETICAL ELECTRICAL TRAVEL Times 25mm D LINEARITY A: 1% D : 0.1 % E : 0.05% F : 0.025% 152 RESISTANCE First 2 digits are significant numbers Third indicates number of zeros W... MODIFICATIONS Special Feature Code Number
www.vishay.com 42
For technical questions, contact sfer@vishay.com
Document Number: 54017 Revision 20-Dec-01


▲Up To Search▲   

 
Price & Availability of REC-10LA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X